Part Number Hot Search : 
F55309R 01456 RHMB572 08763 TA8499F ST3232EB 78M05 XCV100
Product Description
Full Text Search
 

To Download MSR156006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSR1560 SWITCHMODEt Soft Recovery Power Rectifier
These state-of-the-art devices are designed for boost converter or hard-switched converter applications, especially for Power Factor Correction application. It could also be used as a free wheeling diode in variable speed motor control applications and switching mode power supplies.
Features http://onsemi.com
* Soft Recovery with Low Reverse Recovery Charge (QRR) and Peak * * * * * * *
Reverse Recovery Current (IRRM) 150C Operating Junction Temperature Popular TO-220 Package Epoxy meets UL 94 V-0 @ 0.125 in Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Pb-Free Package is Available*
SOFT RECOVERY POWER RECTIFIER 15 AMPERES, 600 VOLTS
1 4 3
4
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.9 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal *
Leads Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (At Rated VR, TC = 125C) Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz,TC = 125C) Non-Repetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Storage/Operating Case Temperature Operating Junction Temperature Symbol VRRM VRWM VR IO IFRM IFSM Value 600 Unit V 1 3
TO-220AC CASE 221B STYLE 2
MAXIMUM RATINGS MARKING DIAGRAM
15 30 100
A A A AY WWG MSR1560 KA
Tstg, TC TJ
-65 to +150 -65 to +150
C C A Y WW G KA = Assembly Location = Year = Work Week = Pb-Free Package = Diode Polarity
THERMAL CHARACTERISTICS
Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Symbol RqJC RqJA Value 1.6 72.8 Unit C/W
ORDERING INFORMATION
Device MSR1560 MSR1560G Package TO-220 TO-220 (Pb-Free) Shipping 50 Units/Rail 50 Units/Rail
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
1
February, 2006 - Rev. 3
Publication Order Number: MSR1560/D
MSR1560
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (Note 1) (IF = 15 A) Typical Maximum Instantaneous Reverse Current (VR = 600 V) Typical Maximum Reverse Recovery Time (Note 2) (VR = 30 V, IF = 1 A, di/dt = 100 A/ms) Typical Typical Recovery Softness Factor (VR = 30 V, IF = 1 A, di/dt = 100 A/ms) Typical Peak Reverse Recovery Current (VR = 30 V, IF = 1 A, di/dt = 100 A/ms) Typical Reverse Recovery Charge (VR = 30 V, IF = 1 A, di/dt = 100 A/ms) 1. Pulse Test: Pulse Width 380 ms, Duty Cycle 2% 2. TRR measured projecting from 25% of IRRM to zero current s = tb/ta IRRM QRR trr IR Symbol VF Value TJ = 25C 1.8 1.5 TJ = 25C 15 0.4 TJ = 25C 45 35 .67 2.3 31 TJ = 150C 1.4 1.2 TJ = 150C 5000 100 TJ = 100C 65 54 .74 3.2 78 A nC ns mA Unit V
100
100
VF @ 175C IF, INSTANTANEOUS FORWARD CURRENT (AMPS) VF @ 25C 10 IF, INSTANTANEOUS FORWARD CURRENT (AMPS)
VF @ 175C VF @ 25C 10
zl
VF @ 100C
VF @ 100C
1
1
0.1 0.3
0.7 1.1 1.5 1.9 2.3 VF, INTANTANEOUS VOLTAGE (VOLTS)
2.7
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 VF, INSTANTANEOUS FORWARD CURRENT (AMPS)
Figure 1. Maximum Forward Voltage
Figure 2. Typical Forward Voltage
http://onsemi.com
2
MSR1560
10000 IR, REVERSE CURRENT (mA) VF @ 175C 1000 IR, REVERSE CURRENT (mA) 100 10 1 0.1 Ir @ 25C 0.01 Ir @ 100C
1000
Ir @ 175C
100
VF @ 100C
10 VF @ 25C
1
0.1
0
100
200
300
400
500
600
0.001
0
100
200
300
400
500
600
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Maximum Reverse Current
Figure 4. Typical Reverse Current
IF(AV), AVERAGE FORWARD
dc 20
TJ = 175C
PF(AV), AVERAGE POWER DISSIPATION (WATTS)
25
30
TJ = 175C Square Wave dc
20
15 Square Wave 10
10
5
0
0 0 10 20 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
50
100
150
200
TC, CASE TEMPERATURE (C)
Figure 5. Current Derating
Figure 6. Power Dissipation
400 350 C, CAPACITANCE (pF) 300 250 200 150 100 50 0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS) TJ = 25C C, CAPACITANCE (pF)
350 300 250 200 150 100 50 0 0 TJ = 25C
10
20
30
40
50
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Maximum Capacitance
Figure 8. Typical Capacitance
http://onsemi.com
3
MSR1560
60 50 60 Time (nsec) Time (nsec) 40 30 ta vs. di/dt @ 25C 20 20 10 0 25 tb vs. di/dt @ 25C 0 25 Trr vs. di/dt @ 25C trr 40 80
ta tb
100 dI/dt (A/mS)
175
250
75
125
175
TEMPERATURE (C)
Figure 9. Typical Trr vs. di/dt
QRR, REVERSE RECOVERY CHARGE (nC) 50
Figure 10. Typical Trr vs. Temperature
IRRM, PEAK RECOVERY CURRENT (AMPS)
3 IF = 1 A 2 TJ = 25C
40 IF = 1 A 30 TJ = 25C 20
1
0
25
75
125 dI/dt (A/mS)
175
225
25
100 dIF/dt (A/mS))
175
250
Figure 11. Typical Peak Reverse Recovery Current
Figure 12. Typical Reverse Recovery Charge
EOFF, SWITCHING OFF LOSSES (mJ)
65
55 IF = 1 A 45 VR = 30 V
35
25 25
100 dIF/dt (A/mS)
175
250
Figure 13. Typical Switching Off Losses
http://onsemi.com
4
MSR1560
10
R(t), TRANSIENT THERMAL RESISTANCE
ID = 0.5 1
0.1
0.05 0.01 Single Pulse 0.1 0.0001 0.001 0.01 t, Time (S) 0.1 1 10
Figure 14. Transient Thermal Response
http://onsemi.com
5
MSR1560
PACKAGE DIMENSIONS
TO-220 TWO-LEAD CASE 221B-04 ISSUE D
C Q B F T S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 ANODE N/A CATHODE ANODE MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
4
A
1 3
U
H K
L G
D J
R
STYLE 2: PIN 1. 2. 3. 4.
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MSR1560/D


▲Up To Search▲   

 
Price & Availability of MSR156006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X